データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD72012 データシート(PDF) 16 Page - NEC

部品番号 UPD72012
部品情報  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD72012 データシート(HTML) 16 Page - NEC

Back Button UPD72012 Datasheet HTML 12Page - NEC UPD72012 Datasheet HTML 13Page - NEC UPD72012 Datasheet HTML 14Page - NEC UPD72012 Datasheet HTML 15Page - NEC UPD72012 Datasheet HTML 16Page - NEC UPD72012 Datasheet HTML 17Page - NEC UPD72012 Datasheet HTML 18Page - NEC UPD72012 Datasheet HTML 19Page - NEC UPD72012 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
Data Sheet S13918EJ3V0DS
µPD72012
2.3 Standard Interface Descriptor
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
0
bLength
1
Shows the size in bytes of the standard interface
descriptor.
0x09
0x09
0x09
1
bDescriptorType
1
Shows that this is a standard interface descriptor.
0x04
0x04
0x04
2
bInterfaceNumber
1
If there are multiple interfaces, the host specifying
this value in a Set_Interface request selects this
interface.
This is “0x00” for the
µPD72012.
0x00
0x00
0x00
3
bAlternateSetting
1
This value is used if there is an alternate setting of
the interface. It is “0x00” for the
µPD72012.
0x00
0x00
0x00
4
bNumEndpoints
1
Shows the number of endpoints defined in this
interface.
0x01
0x01
0x01
5
bIntefaceClass
1
HUB class code defined by USB
(HUB_CLASSCODE=“0x09”).
0x09
0x09
0x09
6
bInterfaceSubClass
1
HUB subclass code defined by USB.
0x00
0x00
0x00
7
bInterfaceProtocol
1
Protocol code defined by USB. Not defined in HUB
class.
0x00
0x00
0x00
8
iInteface
1
Shows the index of the string descriptor for a
comment about the interface of a product using the
HUB.
Since not used for a standard ROM code product
(003, 004), its value is “0x00”.
When using this for a Mask ROM code product, set it
to “0x05”.
0x00
0x00
0x00
or
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36