| データシートサーチシステム |
|
SSD1963QL9R データシート(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R データシート(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 93 page ![]() Solomon Systech Jan 2010 P 36/93 Rev 1.1 SSD1963 9.22 set_tear_off Command 0x34 Parameters None D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 1 0 1 0 0 34 Description TE signal is not sent from the SSD1963 to the host processor. 9.23 set_tear_on Command 0x35 Parameters 1 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 1 0 1 0 1 35 Parameter 1 1 0 0 0 0 0 0 0 A0 xx Description TE signal is sent from the SSD1963 to the host processor at the start of VFP. A[0] : Tearing effect line mode (POR = 0) 0 The tearing effect output line consists of V-blanking information only. 1 The tearing effect output line consists of both V-blanking and H-blanking information by set_tear_scanline (0x44). The TE signal shall be active low when the display panel is in Sleep mode. 9.24 set_address_mode Command 0x36 Parameters 1 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 0 1 1 0 1 1 0 36 Parameter 1 1 A7 A6 A5 A4 A3 A2 A1 A0 xx Description Set the read order from host processor to frame buffer by A[7:5] and A[3] and from frame buffer to the display panel by A[2:0] and A[4]. A[7] : Page address order (POR = 0) This bit controls the order that pages of data are transferred from the host processor to the SSD1963’s frame buffer. 0 Top to bottom, pages transferred from SP (Start Page) to EP (End Page). 1 Bottom to top, pages transferred from EP (End Page) to SP (Start Page). |