| データシートサーチシステム |
|
SSD1963QL9R データシート(PDF) 70 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R データシート(HTML) 70 Page - List of Unclassifed Manufacturers |
|
70 / 93 page ![]() Solomon Systech Jan 2010 P 70/93 Rev 1.1 SSD1963 A[3:2] : Source 2 for GPIO3 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 A[1:0] : Source 3 for GPIO3 when controlled by LCDC (POR = 00) 00 Generator 0 01 Generator 1 10 Generator 2 11 Generator 3 B[7:0] : ROP operation to mux the source 1, 2 and 3 for GPIO3 (POR = 00000000) Please refer to the Application note for the ROP operation 9.63 set_dbc_conf Command 0xD0 Parameters 1 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 1 0 1 0 0 0 0 D0 Parameter 1 1 0 A6 A5 0 A3 A2 0 A0 xx Description Set the Dynamic Backlight Control configuration. A[6] : DBC Manual Brightness enable (POR = 1) 0 Enable 1 Disable A[5] : Transition effect (POR = 0) 0 Transition effect disable 1 Transition effect enable Transition effect is used to remove visible backlight flickering. If rapid brightness change is required, it is recommended to enable this bit. A[3:2] : Energy saving selection for DBC (POR = 00) 00 DBC is disable 01 Conservative mode 10 Normal mode 11 Aggressive mode A[0] : Master enable of DBC (POR = 0) 0 DBC disable 1 DBC enable |