| データシートサーチシステム |
|
SSD1963QL9R データシート(PDF) 52 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9R データシート(HTML) 52 Page - List of Unclassifed Manufacturers |
|
52 / 93 page ![]() Solomon Systech Jan 2010 P 52/93 Rev 1.1 SSD1963 9.41 set_gpio_value Command 0xBA Parameters 1 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 0 1 1 1 0 1 0 BA Parameter 1 1 0 0 0 0 A3 A2 A1 A0 xx Description Set GPIO value for GPIO configured as output A[3] : GPIO3 value (POR = 0) 0 GPIO3 outputs 0 1 GPIO3 outputs 1 A[2] : GPIO2 value (POR = 0) 0 GPIO2 outputs 0 1 GPIO2 outputs 1 A[1] : GPIO1 value (POR = 0) 0 GPIO1 outputs 0 1 GPIO1 outputs 1 A[0] : GPIO0 value (POR = 0) 0 GPIO0 outputs 0 1 GPIO0 outputs 1 9.42 get_gpio_status Command 0xBB Parameters 1 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 1 0 1 1 1 0 1 1 BB Parameter 1 1 0 0 0 0 A3 A2 A1 A0 xx Description Read current GPIO status. If the individual GPIO was configured as input, the value is the status of the corresponding pin. Otherwise, it is the programmed value. A[3] : GPIO3 value (POR : depends on pad value) 0 GPIO3 is pulled low 1 GPIO3 is pulled high A[2] : GPIO2 value (POR : depends on pad value) 0 GPIO2 is pulled low 1 GPIO2 is pulled high A[1] : GPIO1 value (POR : depends on pad value) 0 GPIO1 is pulled low 1 GPIO1 is pulled high A[0] : GPIO0 value (POR : depends on pad value) 0 GPIO0 is pulled low 1 GPIO0 is pulled high |