| データシートサーチシステム |
|
IP4856CX25/C データシート(PDF) 7 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
IP4856CX25/C データシート(HTML) 7 Page - Nexperia B.V. All rights reserved |
|
7 / 22 page ![]() IP4856CX25_C All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 15 October 2014 6 of 21 NXP Semiconductors IP4856CX25/C SD 3.0-compliant memory card integrated dual voltage level translator 8.2 Enable and direction control The pin ENABLE enables/disables the internal Low DropOut (LDO) regulator and is used to put the host-side and card-side I/O drivers into high-ohmic (3-state) mode. [1] H = HIGH; L = LOW; X = don’t care. 8.3 Integrated voltage regulator The low dropout voltage regulator delivers supply voltage for the voltage translators and the card-side input/output stages. It has to support 1.8 V and 3 V signaling modes as stipulated in the SD 3.0 specification. The switching time between the two output voltage modes is compliant with SD 3.0 specification. Depending on the signaling level at pin SEL, the regulator delivers 1.8 V (SEL = HIGH) or 2.9 V (SEL = LOW, VSD_REF <1 V). For card supply voltage, see Section 8.4. [1] H = HIGH; L = LOW; X = don’t care. [2] Host-side pins are not influenced by SEL. Table 5. I/O function control signal truth table Control Host side Memory card side Pin Level[1] Pin Function Pin Function Pin ENABLE = HIGH and VCCA 1.62 V DIR_CMD H CMD_H input CMD_SD output L CMD_H output CMD_SD input DIR_0 H DATA0_H input DATA0_SD output L DATA0_H output DATA0_SD input DIR_1_3 H DATA1_H DATA2_H DATA3_H input DATA1_SD DATA2_SD DATA3_SD output LDATA1_H DATA2_H DATA3_H output DATA1_SD DATA2_SD DATA3_SD input - - CLK_IN input CLK_SD output - - CLK_FB output - - Pin ENABLE = LOW or VCCA 0.8 V DIR_CMD X CMD_H high-ohmic CMD_SD high-ohmic DIR_0 X DATA0_H high-ohmic DATA0_SD high-ohmic DIR_1_3 X DATA1_H DATA2_H DATA3_H high-ohmic DATA1_SD DATA2_SD DATA3_SD high-ohmic - - CLK_IN input CLK_SD high-ohmic - - CLK_IN high-ohmic - - Table 6. SD card side voltage level control signal truth table Input Output SEL[1] VSD_REF[1] VLDO Pin[2] Function H X 1.8 V DATA0_SD to DATA3_SD, CLK_SD low supply voltage level (1.8 V typical) L < 1 V 2.9 V DATA0_SD to DATA3_SD, CLK_SD high supply voltage level (2.9 V typical) >1.5 V VSD_REF DATA0_SD to DATA3_SD, CLK_SD supply voltage level based on VSD_REF |