| データシートサーチシステム |
|
IP4856CX25/C データシート(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
IP4856CX25/C データシート(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 22 page ![]() IP4856CX25_C All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 15 October 2014 9 of 21 NXP Semiconductors IP4856CX25/C SD 3.0-compliant memory card integrated dual voltage level translator [1] Guaranteed by design and characterization. 11. Static characteristics Table 9. Integrated resistors Tamb =25 C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Rpd pull-down resistance R7 272 470 668 k R30 70 100 130 R20; R21; R38 200 350 500 k Rpu pull-up resistance R10 10.5 15 19.5 k R11 to R13 49 70 91 k R14 and R15 70 100 130 k Rs series resistance card side; R1 to R6 [1] 12 15 18 host side; R31 to R37 [1] 18 22.5 27 Table 10. Static characteristics At recommended operating conditions; Tamb = 40 C to +85 C; voltages are referenced to GND (ground = 0 V); Cext =1 F at pin VLDO; unless otherwise specified. Symbol Parameter Conditions Min Typ[1] Max Unit Supply voltage regulator for card-side I/O pin: VLDO VO(reg) regulator output voltage SEL = LOW; VSD_REF <1V; VSUPPLY 2.9 V 2.7 2.9 3.3 V SEL = LOW; VSD_REF > 1.5 V; VSUPPLY VSD_REF VSD_REF 0.15 VSD_REF VSD_REF + 0.15 V SEL = HIGH; VSUPPLY 2.5 V 1.7 1.85 2.0 V Vdo(reg) regulator dropout voltage SEL = LOW; VSUPPLY 2.9 V; IO = 50 mA - - 150 mV IO(reg) regulator output current - - 100 mA Host-side input signals: CMD_H, DATA0_H to DATA3_H and CLK_IN VIH HIGH-level input voltage 0.625 VCCA -VCCA + 0.3 V VIL LOW-level input voltage 0.3 - 0.35 VCCA V ILI input leakage current VCCA = 1.8 V; ENABLE = LOW [2] -- 1.0 nA Host-side control signals SEL, ENABLE, DIR_0, DIR_1_3 and DIR_CMD VIH HIGH-level input voltage 0.625 VCCA -VCCA + 0.3 V VIL LOW-level input voltage 0.3 - 0.35 VCCA V VSD_REF VIH HIGH-level input voltage 1.5 - 3.63 V VIL LOW-level input voltage 0.3 - +1.0 V |