| データシートサーチシステム |
|
IP4856CX25/C データシート(PDF) 11 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
IP4856CX25/C データシート(HTML) 11 Page - Nexperia B.V. All rights reserved |
|
11 / 22 page ![]() IP4856CX25_C All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 15 October 2014 10 of 21 NXP Semiconductors IP4856CX25/C SD 3.0-compliant memory card integrated dual voltage level translator [1] Typical values are measured at Tamb =25 C. [2] Guaranteed by design and characterization. [3] EMI filter line capacitance per data channel from I/O driver to pin; Cch is guaranteed by design. Host-side output signals: CLK_FB, CMD_H and DATA0_H to DATA3_H VOH HIGH-level output voltage IO =2mA; VI =VIH (card side) 0.85 VCCA -V VOL LOW-level output voltage IO = 2 mA; VI =VIL (card side) - - 0.125 VCCA V Card-side input signals: CMD_SD and DATA0_SD to DATA3_SD VIH HIGH-level input voltage SEL = LOW (2.9 V interface) 0.625 VO(reg) -VO(reg) + 0.3 V SEL = HIGH (1.8 V interface) 0.625 VO(reg) -VO(reg) + 0.3 V VIL LOW-level input voltage SEL = LOW (2.9 V interface) 0.3 - 0.35 VO(reg) V SEL = HIGH (1.8 V interface) 0.3 - 0.35 VO(reg) V Card-side output signal CMD_SD, DATA0_SD to DATA3_SD and CLK_SD VOH HIGH-level output voltage IO =4mA; VI =VIH (host side); SEL = LOW (2.9 V interface) 0.85 VO(reg) -VO(reg) + 0.3 V IO =2mA; VI =VIH (host side); SEL = HIGH (1.8 V interface) 0.85 VO(reg) -2.0 V VOL LOW-level output voltage IO = 4mA; VI =VIL (host side); SEL = LOW (2.9 V interface) 0.3 - 0.125 VO(reg) V IO = 2mA; VI =VIL (host side); SEL = HIGH (1.8 V interface) 0.3 - 0.125 VO(reg) V Bus signal equivalent capacitance Cch channel capacitance VI =0V; fi = 1 MHz; VSUPPLY =3.5 V; VCCA =1.8 V [3] host side - 3.5 5.0 pF card side - 5.0 10.0 pF Current consumption ICC(stat) static supply current ENABLE = HIGH (active mode); all inputs = HIGH; DIR = LOW SEL = LOW (2.9 V interface) - - 100 A SEL = HIGH (1.8 V interface) - - 100 A ICC(stb) standby supply current ENABLE = LOW (inactive mode) - - 1 A Table 10. Static characteristics …continued At recommended operating conditions; Tamb = 40 C to +85 C; voltages are referenced to GND (ground = 0 V); Cext =1 F at pin VLDO; unless otherwise specified. Symbol Parameter Conditions Min Typ[1] Max Unit |