| データシートサーチシステム |
|
MPC852TZT50 データシート(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC852TZT50 データシート(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 80 page ![]() MPC852T Hardware Specifications, Rev. 3.1 Freescale Semiconductor 65 Mechanical Data and Ordering Information PA10 TXD3 H15 Bidirectional (5V tolerant) PA9 RXD4 J16 Bidirectional (Optional: Open-drain) (5V tolerant) PA8 TXD4 J15 Bidirectional (5V tolerant) PA3 CLK5 BRGO3 TIN3 K16 Bidirectional (5V tolerant) PA2 CLK6 TOUT3 K14 Bidirectional (5V tolerant) PA1 CLK7 BRGO4 TIN4 L15 Bidirectional (5V tolerant) PA0 CLK8 TOUT4 M16 Bidirectional (5V tolerant) PB31 SPISEL E13 Bidirectional (Optional: Open-drain) (5V tolerant) PB30 SPICLK F13 Bidirectional (Optional: Open-drain) (5V tolerant) PB29 SPIMOSI D15 Bidirectional (Optional: Open-drain) (5V tolerant) PB28 SPIMISO BRGO4 G13 Bidirectional (Optional: Open-drain) (5V tolerant) PB25 SMTXD1 H14 Bidirectional (Optional: Open-drain) (5V tolerant) PB24 SMRXD1 H16 Bidirectional (Optional: Open-drain) (5V tolerant) PB15 BRGO3 L16 Bidirectional (5V tolerant) Table 30. Pin Assignments - JEDEC Standard (continued) Name Pin Number Type |