| データシートサーチシステム |
|
MPC852TZT50 データシート(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC852TZT50 データシート(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 80 page ![]() MPC852T Hardware Specifications, Rev. 3.1 Freescale Semiconductor 73 Mechanical Data and Ordering Information PB25 SMTXD1 J15 Bidirectional (Optional: Open-drain) (5 V-tolerant) PB24 SMRXD1 J17 Bidirectional (Optional: Open-drain) (5 V-tolerant) PB15 BRGO3 M17 Bidirectional (5 V-tolerant) PC15 DREQ0 D17 Bidirectional (5 V-tolerant) PC13 RTS3 F15 Bidirectional (5 V-tolerant) PC12 RTS4 F16 Bidirectional (5 V-tolerant) PC7 CTS3 K15 Bidirectional (5 V-tolerant) PC6 CD3 L16 Bidirectional (5 V-tolerant) PC5 CTS4 SDACK1 K14 Bidirectional (5 V-tolerant) PC4 CD4 M15 Bidirectional (5 V-tolerant) PD15 MII_RXD3 N15 Bidirectional (5 V-tolerant) PD14 MII_RXD2 P17 Bidirectional (5 V-tolerant) PD13 MII_RXD1 L14 Bidirectional (5 V-tolerant) PD12 MII_MDC P16 Bidirectional (5 V-tolerant) PD11 RXD3 MII_TX_ER R17 Bidirectional (5 V-tolerant) PD10 TXD3 MII_RXD0 T16 Bidirectional (5 V-tolerant) Table 31. Pin Assignments - non-JEDEC (continued) Name Pin Number Type |