| データシートサーチシステム |
|
MPC852TZT50 データシート(PDF) 74 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC852TZT50 データシート(HTML) 74 Page - Freescale Semiconductor, Inc |
|
74 / 80 page ![]() MPC852T Hardware Specifications, Rev. 3.1 74 Freescale Semiconductor Mechanical Data and Ordering Information PD9 RXD4 MII_TXD0 P15 Bidirectional (5 V-tolerant) PD8 TXD4 MII_RX_CLK N14 Bidirectional (5 V-tolerant) PD7 RTS3 MII_RX_ER U16 Bidirectional (5 V-tolerant) PD6 RTS4 MII_RX_DV P14 Bidirectional (5 V-tolerant) PD5 MII_TXD3 T15 Bidirectional (5 V-tolerant) PD4 MII_TXD2 R15 Bidirectional (5 V-tolerant) PD3 MII_TXD1 N13 Bidirectional (5 V-tolerant) TMS G16 Input (5 V-tolerant) TDI DSDI H15 Input (5 V-tolerant) TCK DSCK J14 Input (5 V-tolerant) TRST G17 Input (5 V-tolerant) TDO DSDO G15 Output (5 V-tolerant) MII_CRS C7 Input MII_MDIO H17 Bidirectional (5 V-tolerant) MII_TX_EN U15 Output (5 V-tolerant) MII_COL G3 Input VSSSYN P5 PLL analog GND VSSSYN1 R4 PLL analog GND VDDSYN R3 PLL analog VDD Table 31. Pin Assignments - non-JEDEC (continued) Name Pin Number Type |