データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACS754XCB-050 データシート(PDF) 4 Page - Allegro MicroSystems

部品番号 ACS754XCB-050
部品情報  Current Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754XCB-050 データシート(HTML) 4 Page - Allegro MicroSystems

  ACS754XCB-050 Datasheet HTML 1Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 2Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 3Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 4Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 5Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 6Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 7Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 8Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS754050-DS, Rev. 3
Current Sensor: ACS754xCB-050
100 1–
[
{
[ {
Vout_full-scale amperes – VOUT(Q)
∆ gain × % sat (
)
2(Vout_half-scale amperes – VOUT(Q) )
100
[
[
Vout_+full-scale amperes –VOUT(Q)
VOUT(Q) –Vout_–full-scale amperes
Sensitivity (Sens): The change in sensor output in response to a 1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G /A) and the linear IC amplifier gain (mV/G). The linear IC amplifier gain is trimmed at the
factory to optimize the sensitivity (mV/A) for the full-scale current of the device.
Noise (VNOISE): The product of the linear IC amplifier gain (mV/G) and the noise floor for the Allegro Hall effect linear IC (≈1 G).
The noise floor is derived from the thermal and shot noise observed in Hall elements. Dividing the noise (mV) by the sensitivity (mV/
A) provides the smallest current that the device is able to resolve.
Linearity (ELIN): The degree to which the voltage output from the sensor varies in direct proportion to the primary current through
its full-scale amplitude. Linearity reveals the maximum deviation from the ideal transfer curve for this transducer. Nonlinearity in the
output can be attributed to the gain variation across temperature and saturation of the flux concentrator approaching the full-scale cur-
rent. The following equation is used to derive the linearity:
Definitions of Accuracy Characteristics
where
∆ gain = the gain variation as a function of temperature changes from 25ºC,
% sat = the percentage of saturation of the flux concentrator, which becomes significant as the current
being sensed approaches full-scale ±IP , and
Vout_full-scale amperes = the output voltage (V) when the sensed current approximates full-scale ±IP .
Symmetry (ESYM): The degree to which the absolute voltage output from the sensor varies in proportion to either a positive or nega-
tive full-scale primary current. The following equation is used to derive symmetry:
Quiescent output voltage (VOUT(Q)): The output of the sensor when the primary current is zero. For a unipolar supply voltage, it
nominally remains at VCC⁄ 2. Thus, VCC = 5 V translates into VOUT(Q) = 2.5 V. Variation in VOUT(Q) can be attributed to the resolution
of the Allegro linear IC quiescent voltage trim, magnetic hysteresis, and thermal drift.
Electrical offset voltage (VOE): The deviation of the device output from its ideal quiescent value of VCC⁄ 2 due to nonmagnetic causes.
Magnetic offset error (IERROM): The magnetic offset is due to the residual magnetism (remnant field) of the core material. The mag-
netic offset error is highest when the magnetic circuit has been saturated, usually when the device has been subjected to a full-scale or
high-current overload condition. The magnetic offset is largely dependent on the material used as a flux concentrator. The larger mag-
netic offsets are observed at the lower operating temperatures.
Accuracy (ETOT): The accuracy represents the maximum deviation of the actual output from its ideal value. This is also known as the
total ouput error. The accuracy is illustrated graphically in the Output Voltage versus Current chart on the following page.
Accuracy is divided into four areas:
• 0 A at 25°C: Accuracy of sensing zero current flow at 25°C, without the effects of temperature.
• 0 A over temperature: Accuracy of sensing zero current flow including temperature effects.
• Full-scale current at 25°C: Accuracy of sensing the full-scale current at 25°C, without the effects of temperature.
• Full-scale current over ∆ temperature: Accuracy of sensing full-scale current flow including temperature effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com