データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACS754XCB-050 データシート(PDF) 3 Page - Allegro MicroSystems

部品番号 ACS754XCB-050
部品情報  Current Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754XCB-050 データシート(HTML) 3 Page - Allegro MicroSystems

  ACS754XCB-050 Datasheet HTML 1Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 2Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 3Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 4Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 5Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 6Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 7Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 8Page - Allegro MicroSystems ACS754XCB-050 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS754050-DS, Rev. 3
Current Sensor: ACS754xCB-050
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sensed Current
IP
–50
50
A
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
VCC = 5.0 V, output open
6.5
8
10
mA
Output Resistance
ROUT
IOUT = 1.2 mA
1
2
Output Capacitance Load
CLOAD
VOUT to GND
10
nF
Output Resistive Load
RLOAD
VOUT to GND
4.7
kΩ
Primary Conductor Resistance
RPRIMARY
IP = ±100A; TA = 25°C
100
µΩ
Pins 1-3 and 4-5; 60 Hz, 1 minute
3.0
kV
PERFORMANCE CHARACTERISTICS, -20°C to +85°C, VCC = 5 V unless otherwise specified
Propagation time
tPROP
IP = ±50 A, TA = 25°C
4
µs
Response time
tRESPONSE
IP = ±50 A, TA = 25°C
12
µs
Rise time
tr
IP = ±50 A, TA = 25°C
11
µs
Frequency Bandwidth
f
–3 dB , TA = 25°C
35
kHz
Sensitivity
Sens
Over full range of IP, TA = 25°C
40
mV/A
Over full range of IP
37.8
42.0
mV/A
Noise
VNOISE
Peak-to-peak, TA = 25°C,
no external filter
–65
mV
Nonlinearity
ELIN
Over full range of IP
±1.5
%
Symmetry
ESYM
Over full range of IP
98
100
102
%
Zero Current Output Voltage
VOUT(Q)
I = 0 A, TA = 25°C
VCC/2
V
Electrical Offset Voltage
(Magnetic error not included)
VOE
I = 0 A, TA = 25°C
–10
10
mV
I = 0 A
–20
20
mV
Magnetic Offset Error
IERROM
I = 0 A, after excursion of 100 A
±0.1
±0.30
A
Total Output Error
(Including all offsets)
ETOT
Over full range of IP, TA = 25°C
±1.0
%
Over full range of IP
±5.0
%
PERFORMANCE CHARACTERISTICS, -40°C to +150°C, VCC = 5 V unless otherwise specified
Propagation time
tPROP
IP = ±50 A, TA = 25°C
4
µs
Response time
tRESPONSE
IP = ±50 A, TA = 25°C
12
µs
Rise time
tr
IP = ±50 A, TA = 25°C
11
µs
Frequency Bandwidth
f
–3 dB , TA = 25°C
35
kHz
Sensitivity
Sens
Over full range of IP, TA = 25°C
40
mV/A
Over full range of IP
36.0
42.8
mV/A
Noise
VNOISE
Peak-to-peak, TA = 25°C,
no external filter
–65
mV
Nonlinearity
ELIN
Over full range of IP
±1.8
%
Symmetry
ESYM
Over full range of IP
98
100
102
%
Zero Current Output Voltage
VOUT(Q)
I = 0 A, TA = 25°C
VCC/2
V
Electrical Offset Voltage
(Magnetic error not included)
VOE
I = 0 A, TA = 25°C
–10
10
mV
I = 0 A
–35
35
mV
Magnetic Offset Error
IERROM
I = 0 A, after excursion of 100 A
±0.1
±0.40
A
Total Output Error
(Including all offsets)
ETOT
Over full range of IP, TA = 25°C
±1.0
%
Over full range of IP
±9.9
%
ELECTRICAL CHARACTERISTICS, over operating ambient temperature range unless otherwise stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com