| データシートサーチシステム |
|
LSM6DSOPTR データシート(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOPTR データシート(HTML) 83 Page - STMicroelectronics |
|
83 / 107 page ![]() DocID032926 Rev 5 83/107 LSM6DSOP Embedded functions register description 107 11.6 FSM_INT_A (0Bh) INT pin control register (r/w). Each bit in this register enables a signal to be carried over INT. The pin's output will supply the OR combination of the selected signals. Table 150. FSM_INT_A register description Table 149. FSM_INT_A register INT_ FSM8 INT_ FSM7 INT_ FSM6 INT_ FSM5 INT_ FSM4 INT_ FSM3 INT_ FSM2 INT_ FSM1 INT_FSM8(1) 1. This bit is effective if the INT_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1. Routing of FSM8 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM7(1) Routing of FSM7 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM6(1) Routing of FSM6 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM5(1) Routing of FSM5 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM4(1) Routing of FSM4 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM3(1) Routing of FSM3 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM2(1) Routing of FSM2 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) INT_FSM1(1) Routing of FSM1 interrupt event on INT. Default value: 0 (0: routing on INT disabled; 1: routing on INT enabled) |