| データシートサーチシステム |
|
LSM6DSOPTR データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOPTR データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 107 page ![]() DocID032926 Rev 5 31/107 LSM6DSOP Digital interfaces 107 SPI read Figure 8. SPI read protocol (in mode 3) The SPI Read command is performed with 16 clock pulses. A multiple byte read command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: READ bit. The value is 1. bit 1-7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb first). bit 16-...: data DO(...-8). Further data in multiple byte reads. Figure 9. Multiple byte SPI read protocol (2-byte example) (in mode 3) |