| データシートサーチシステム |
|
LSM6DSOPTR データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOPTR データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 107 page ![]() DocID032926 Rev 5 15/107 LSM6DSOP Embedded low-power features 107 Finite State Machine in the LSM6DSOP The LSM6DSOP works as a combo accelerometer-gyroscope sensor, generating acceleration and angular rate output data. All 16 finite state machines are independent: each one has its dedicated memory area and it is independently executed. An interrupt is generated when the end state is reached or when some specific command is performed. Figure 2. State machine in the LSM6DSOP |