データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSOPTR データシート(PDF) 103 Page - STMicroelectronics

部品番号 LSM6DSOPTR
部品情報  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR データシート(HTML) 103 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 99Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 100Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 101Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 102Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 103Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 104Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 105Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 106Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 107Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 107 page
background image
DocID032926 Rev 5
103/107
LSM6DSOP
Package information
107
16
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
16.1
LGA-14L package information
Figure 19. LGA-14L 2.5x3x0.86 mm package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More