| データシートサーチシステム |
|
AS5047U-HTST データシート(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047U-HTST データシート(HTML) 14 Page - ams AG |
|
14 / 51 page ![]() Page 14 ams Datasheet Document Feedback [v1-00] 2018-Oct-30 AS5047U − Detailed Description Figure 14: Adaptive Filter System Setting Figure 15: Corner Frequency vs Noise Symbol Parameter Min Typ Max Unit Notes fcorner Corner frequency 48 3059 Hz Depending on K setting in the OTP ONFdyn Noise during rotation 0.019 0.086 ° RMS noise (depending on the selected K setting) ONFstat Noise when stand still 0.011 0.084 ° Depending on K setting in the OTP K Value fcorner Filter corner frequency [Hz] ONFdyn Noise during rotation [degree] ONFstat Noise when stand still [degree] 048 0.019 0.011 197 0.028 0.017 2 194 0.036 0.032 3 387 0.048 0.044 4 773 0.062 0.059 5 1548 0.077 0.077 6 3095 0.086 0.084 |