| データシートサーチシステム |
|
AS5047U-HTST データシート(PDF) 25 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047U-HTST データシート(HTML) 25 Page - ams AG |
|
25 / 51 page ![]() ams Datasheet Page 25 [v1-00] 2018-Oct-30 Document Feedback AS5047U − Detailed Description Figure 34: DIA(0x3FF5) Figure 35: AGC(0x3FF9) Figure 36: VEL(0x3FFC) Figure 37: MAG (0x3FFD) Name Read/Write Bit Position Description SPI_cnt R 11:12 SPI frame counter Not used N/A 10 No function. Bit Setting: 0 AGC_finished R 9 Initial AGC settling finished Off comp finished R 8 Error flag offset compensation finished SinOff_fin R 7 Sine offset compensation finished CosOff_fin R 6 Cosine offset compensation finished MagHalf_flag R 5 Error flag magnitude is below half of target value Comp_h R 4 Warning flag AGC high Comp_l R 3 Warning flag AGC low Cordic_overflow R 2 Error flag CORDIC overflow LoopsFinished R 1 All Magneto Core loops finished Vdd_mode R 0 VDD supply mode: 0: VDD 3.3 Mode 1: VDD 5.0 Mode Name Read/Write Bit Position Description AGC R 7:0 8-Bit AGC value Name Read/Write Bit Position Description Vel R 13:0 Velocity value (14-bit signed integer) Name Read/Write Bit Position Description Mag R 13:0 CORDIC magnitude information |