データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5047U-HTST データシート(PDF) 19 Page - ams AG

部品番号 AS5047U-HTST
部品情報  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST データシート(HTML) 19 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 15Page - ams AG AS5047U-HTST Datasheet HTML 16Page - ams AG AS5047U-HTST Datasheet HTML 17Page - ams AG AS5047U-HTST Datasheet HTML 18Page - ams AG AS5047U-HTST Datasheet HTML 19Page - ams AG AS5047U-HTST Datasheet HTML 20Page - ams AG AS5047U-HTST Datasheet HTML 21Page - ams AG AS5047U-HTST Datasheet HTML 22Page - ams AG AS5047U-HTST Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
ams Datasheet
Page 19
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Detailed Description
Figure 22:
16-Bit Data Frame
24-Bit SPI frames and 32-Bit SPI frames have CRC for increased
reliability of communication over the SPI. A wrong setting of
the calculation / setting of the CRC causes a CRC error, which
sets the CRCERR bit in the error flag register.
Figure 23:
24-Bit SPI Frame
Figure 24:
24-Bit Command Frame
Bit
Name
Description
15
ER
Warning Bit
14
Error Bit
13:0
DATA[13:0]
Data
Bit
Name
Description
23
0
Do not Care
22
RW
0: Write
1: Read
21:8
ADDR[13:0]
Address
7:0
CRC
Calculated CRC
ER
RDATA[13:0]
CRC-8
LSB
MSB
ADDR[13:0]
CRC-8
LSB
MSB
23
21
0
CSn
MOSI
MISO
87
23
21
0
87
RW
0
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51