| データシートサーチシステム |
|
JS28F320J3A-150 データシート(PDF) 71 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
JS28F320J3A-150 データシート(HTML) 71 Page - Intel Corporation |
|
71 / 72 page ![]() 256-Mbit J3 (x8/x16) Datasheet 71 Appendix E Ordering Information NOTE: 1. Speeds are for either the standard asynchronous read access times or for the first access of a page-mode read sequence. VALID COMBINATIONS P C 2 8 F 2 5 6 J 3 C - 1 2 Product line designator for all Intel® Flash products Access Speed (ns)1 256 Mbit = 125 128 Mbit = 150, 120 64 Mbit = 120, 115 32 Mbit = 110 Product Family J = Intel ® StrataFlash memory, 2 bits-per-cell Device Density 256 = x8/x16 (256 Mbit) 128 = x8/x16 (128 Mbit) 640 = x8/x16 (64 Mbit) 320 = x8/x16 (32 Mbit) Voltage (V CC/V PEN) 3 = 3 V/3 V 5 A = Intel® 0.25 micron lithography C = Intel® 0.18 micron lithography Package E = 56-Lead TSOP (J3A, 802) TE= 56-Lead TSOP (J3C, 803) JS = Pb-Free 56-TSOP RC = 64-Ball Easy BGA GE = 48-Ball VFBGA PC = 64-Ball Pb-Free Easy BGA 56-Lead TSOP 64-Ball Easy BGA 48-Ball VF BGA E28F320J3A-110 RC28F320J3A-110 GE28F320J3A-110 E28F640J3A-120 RC28F640J3A-120 GE28F320J3C-110 E28F128J3A-150 RC28F128J3A-150 GE28F640J3C-115 TE28F320J3C-110 RC28F320J3C-110 GE28F640J3C-120 TE28F640J3C-115 RC28F640J3C-115 TE28F640J3C-120 RC28F640J3C-120 TE28F128J3C-120 RC28F128J3C-120 TE28F128J3C-150 RC28F128J3C-150 TE28F256J3C-125 RC28F256J3C-125 56-Lead Pb-Free TSOP 64-Ball Pb-Free Easy BGA JS28F256J3C125 PC28F256J3C125 JS28F128J3C120 PC28F128J3C120 JS28F640J3C115 PC28F640J3C115 JS28F320J3C110 PC28F320J3C110 |