データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JS28F320J3A-150 データシート(PDF) 25 Page - Intel Corporation

部品番号 JS28F320J3A-150
部品情報  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-150 データシート(HTML) 25 Page - Intel Corporation

Back Button JS28F320J3A-150 Datasheet HTML 21Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 22Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 23Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 24Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 25Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 26Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 27Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 28Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
25
NOTES:
1. CEX low is defined as the last edge of CE0, CE1, or CE2 that enables the device. CEX high is defined at the
first edge of CE0, CE1, or CE2 that disables the device (see Table 13).
2. In this diagram, BYTE# is asserted high.
Figure 11. 8-word Asynchronous Page Mode Read
1
2
6
8
R10
R15
R10
R5
R9
R8
R7
R6
R4
R3
R1
R2
R1
A[MAX:4] [A]
A[3:1] [A]
CEx [E]
OE# [G]
WE# [W]
D[15:0] [Q]
RP# [P]
BYTE#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72