データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T1024 データシート(PDF) 21 Page - Freescale Semiconductor, Inc

部品番号 T1024
部品情報  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 データシート(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 17Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 18Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 19Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 20Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 21Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 22Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
I2C1
T1024
I2C2
Mini_PCIe SLOT
Mini_PCIe SLOT
PCIe SLOT
Channel 0
Channel 1
Channel 2
Channel 3
PCA9546
I2C_ADDR=0X77
I2C2_MPEX1_SCL
I2C2_MPEX1_SDA
I2C2_MPEX2_SCL
I2C2_MPEX2_SDA
I2C2_PEX_SCL
I2C2_PEX_SDA
3V3
I2C1_SCL
I2C1_SDA
3V3
I2C1_SCL
I2C1_SDA
AT24C256
I2C_ADDR-0X50
3V3_SLP
FET Isolation
(IRLML6346)
IDT9FGV0641 I2C_ADDR=0X6A
I2C_ADDR=0X68
DS1339U
RTC
ADT7461
(Thermal Sensor)
DDR3 DIMM
I2C_ADDR-0X51
I2C_ADDR=0X4C
I2C1_SCL_SLP
I2C1_SDA_SLP
Figure 2-10. I2C subsystem
2.11 SPI interface
The T1024 Serial Peripheral Interface (SPI) pins are used for the following purposes:
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49