| データシートサーチシステム |
|
T1024 データシート(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024 データシート(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 49 page ![]() XFI_RX/TX[0]_P/N(AQR105) SD1_RX/TX[0:3]_P/N(PEX[0:3]) PCIe SLOT AQR105 SD1_RX/TX[4]_P/N(MPEX[1]) SD1_RX/TX[5]_P/N(MPEX[2]) T1024 Mini_PCIe SLOT Mini_PCIe SLOT SGMII Figure 2-5. SerDes distribution of T1024RDB 2.7.1 PCI Express support The T1024 processor supports evaluation of PCI Express using any standard PCI Express Gen 1 or Gen 2. 2.7.2 XFI support The T1024 processor only supports the evaluation of the XFI protocol using Aquantia AQR105 single port 10GBase-T PHY. 10G data is carried over the XFI interface. The below figure shows the connectivity of the XFI interface. Chapter 2 Architecture QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 Freescale Semiconductor, Inc. 17 |