データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T1024 データシート(PDF) 45 Page - Freescale Semiconductor, Inc

部品番号 T1024
部品情報  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024 データシート(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button T1024 Datasheet HTML 41Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 42Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 43Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 44Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 45Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 46Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 47Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 48Page - Freescale Semiconductor, Inc T1024 Datasheet HTML 49Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Appendix A
How to use AQ_API in U-Boot to Flash Firmware for
Aquantia PHY
This appendix describes the steps required to use AQ_API in U-Boot to flash firmware
for Aquantia PHY. The prerequisites are given below:
• The AQ_API version is 2.1.0
• The U-Boot is for T1024RDB
• The U-Boot source code is from SDK1.7 and later versions
Perform the following steps to use AQ_API in U-Boot:
1. Apply the following three patches to the U-Boot tree:
• added-source-codes-of-API-2.1.0.patch: Adds the source code of AQ_API 2.1.0. It
copies all the AQ_API source code (*.c, *.h) into one folder in U-Boot.
• AQ_API-fix-compile-error-for-API-2.1.0.patch: Fixes the compilation issues that
occurred in the original source code while building U-Boot.
• mdio-added-flash-command.patch: Adds an MDIO flash command for U-Boot. This
command will call a function in AQ_API to perform the actual flash
programming.
2. Build and update a new U-Boot on the T1024RDB board.
The Aquantia AQR105 PHY firmware has been programmed to PHY when shipping the
board to customers, there is no need to update PHY firmware. If it is still required to
update the PHY firmware, follow the instructions given below:
• Program AQR105 PHY firmware for 10G XFI (using RCW 0x95):
=> tftp 1000000 AQ28nm-FW_2.0.B9_Freescale_T1024RDB_012115.cld
Using FM1@DTSEC4 device
Filename 'AQ28nm-FW_2.0.B9_Freescale_T1024RDB_012115.cld'.
Load address: 0x1000000
Loading: #############################
2.4 MiB/s
done
Bytes transferred = 287746 (46402 hex)
=> mdio list
FSL_MDIO0:
2 - RealTek RTL8211E <--> FM1@DTSEC4
6 - RealTek RTL8211E <--> FM1@DTSEC3
FM_TGEC_MDIO:
1 - Aquantia AQR105 <--> FM1@TGEC1
=> mii dev FM_TGEC_MDIO
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49