データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X9SCA データシート(PDF) 33 Page - List of Unclassifed Manufacturers

部品番号 X9SCA
部品情報  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA データシート(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 29Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 30Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 31Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 32Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 33Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 34Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 35Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 36Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
Chapter 2: Installation
2-7
Thermal Grease
Heatsink
Fins
Recommended Supermicro
heatsink:
SNK-P0046A4 active heatsink
Installing an Active Fan
CPU Heatsink
Locate the CPU Fan power connec-
1.
tor on the motherboard. (Refer to
the layout on the right for the CPU
Fan location.)
Position the heatsink so that the
2.
heatsink fan wires are closest to the
CPU fan power connector and are
not interfered with other compo-
nents.
Inspect the CPU Fan wires to make
3.
sure that the wires are routed
through the bottom of the heatsink.
Remove the thin layer of the protec-
4.
tive film from the copper core of the
heatsink.
Warning: CPU may overheat
if the protective film is not re-
moved from the heatsink.
Apply the proper amount of thermal
5.
grease on the CPU.
Note: if your heatsink came with
a thermal pad, please ignore
this step.
If necessary, rearrange the wires
6.
to make sure that the wires are not
pinched between the heatsink and
the CPU. Also make sure to keep
clearance between the fan wires
and the fins of the heatsink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More