| データシートサーチシステム |
|
X9SCA データシート(PDF) 58 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X9SCA データシート(HTML) 58 Page - List of Unclassifed Manufacturers |
|
58 / 107 page ![]() 2-32 X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User's Manual 2-7 Jumper Settings Explanation of Jumpers To modify the operation of the mother- board, jumpers can be used to choose between optional settings. Jumpers create shorts between two pins to change the function of the connector. Pin 1 is identified with a square solder pad on the printed circuit board. Note: On two pin jumpers, "Closed" means the jumper is on, and "Open" means the jumper is off the pins. A. LAN Port 1 Enable B. LAN Port 2 Enable C. LAN Port 3 Enable D. LAN Port 4 Enable LAN Port Enable/Disable (JPL1~4) Jumpers JPL1/JPL2 enable or disable LAN Port 1/LAN Port 2 on the moth- erboard. See the table on the right for jumper settings. The default setting is enabled. JPL3/JPL4 are available only on the X9SCi-LN4/-LN4F. GLAN Enable Jumper Settings Pin# Definition 1-2 Enabled (default) 2-3 Disabled B A D C |