データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X9SCA データシート(PDF) 39 Page - List of Unclassifed Manufacturers

部品番号 X9SCA
部品情報  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA データシート(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 35Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 36Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 37Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 38Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 39Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 40Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 41Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 42Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
Chapter 2: Installation
2-13
2-4 Motherboard Installation
All motherboards have standard mounting holes to fit different types of chassis.
Make sure that the locations of all the mounting holes for both motherboard and
chassis match. Although a chassis may have both plastic and metal mounting fas-
teners, metal ones are highly recommended because they ground the motherboard
to the chassis. Make sure that the metal standoffs click in or are screwed in tightly.
Then use a screwdriver to secure the motherboard onto the motherboard tray.
Tools Needed
Philips Screwdriver
Standoffs
Philips Screws
Location of Mounting Holes
Caution: 1) To prevent damage to the motherboard and its components,
please do not use a force greater than 8 lb/inch on each mounting screw
during motherboard installation. 2) Some components are very close to the
mounting holes. Please take precautionary measures to avoid damaging
these components when installing the motherboard to the chassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More