データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTP53X2 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 NTP53X2
部品情報  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 データシート(HTML) 11 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 7Page - NXP Semiconductors NTP53X2 Datasheet HTML 8Page - NXP Semiconductors NTP53X2 Datasheet HTML 9Page - NXP Semiconductors NTP53X2 Datasheet HTML 10Page - NXP Semiconductors NTP53X2 Datasheet HTML 11Page - NXP Semiconductors NTP53X2 Datasheet HTML 12Page - NXP Semiconductors NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
11 / 133
Table 5. Pin description for SO8
Pin
Symbol
Description
When unused
1
GND
Ground
connect to GND
2
LA
Antenna connection
keep floating
3
LB
Antenna connection
keep floating
4
GND
Ground
connect to GND
5
SDA/GPIO1/PWM1 Multiplexed GPIO1 and PWM1
keep floating
6
SCL/GPIO0/PWM0
Multiplexed GPIO0 and PWM0
keep floating
7
ED/PWM0
Multiplexed event detection and PWM0
keep floating
8
VCC
External power supply
keep floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More