| データシートサーチシステム |
|
ST-LINK/V2-ISOL データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-LINK/V2-ISOL データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 19 page ![]() Hardware configuration UM1075 8/19 UM1075 Rev 8 4 Hardware configuration The ST-LINK/V2 is designed around the STM32F103C8 device, which incorporates the high-performance Arm®(a) Cortex®-M3 core. It is available in a TQFP48 package. As shown in Figure 4, the ST-LINK/V2 provides two connectors: • an STM32 connector for the JTAG/SWD and SWV interface • an STM8 connector for the SWIM interface The ST-LINK/V2-ISOL provides one connector for the STM8 SWIM, STM32 JTAG/SWD and SWV interfaces. Figure 4. Connectors of the ST-LINK/V2 (on the left) and of the ST-LINK/V2-ISOL (on the right) 1. A = STM32 JTAG and SWD target connector 2. B = STM8 SWIM target connector 3. C = STM8 SWIM, STM32 JTAG and SWD target connector 4. D = Communication activity LED a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. B A D C D |