| データシートサーチシステム |
|
ST-LINK/V2-ISOL データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-LINK/V2-ISOL データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() October 2018 UM1075 Rev 8 1/19 1 UM1075 User manual ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 Introduction The ST-LINK/V2 is an in-circuit debugger/programmer for the STM8 and STM32 microcontrollers. The single wire interface module (SWIM) and the JTAG/serial wire debugging (SWD) interfaces facilitate the communication with any STM8 or STM32 microcontroller operating on an application board. In addition to providing the same functionalities of the ST-LINK/V2, the ST-LINK/V2-ISOL features digital isolation between the PC and the target application board. It also withstands voltages of up to 1000 VRMS. The USB full-speed interface enables communication with a PC and: • STM8 devices via ST Visual Develop (STVD) or ST Visual Program (STVP) software (available from STMicroelectronics) • STM32 devices via Atollic®, IAR™, Keil® and TASKING® integrated development environments. Figure 1. ST-LINK/V2 and ST-LINK/V2-ISOL ST-LINK/V2 ST-LINK/V2-ISOL www.st.com |
同様の部品番号 - ST-LINK/V2-ISOL |
|
同様の説明 - ST-LINK/V2-ISOL |