データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-LINK/V2-ISOL データシート(PDF) 14 Page - STMicroelectronics

部品番号 ST-LINK/V2-ISOL
部品情報  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-LINK/V2-ISOL データシート(HTML) 14 Page - STMicroelectronics

Back Button ST-LINK/V2-ISOL Datasheet HTML 10Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 11Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 12Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 13Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 14Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 15Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 16Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 17Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Hardware configuration
UM1075
14/19
UM1075 Rev 8
For more details on this solution and application-PCB-footprint information, visit
www.tag-connect.com.
The references of components compatible with JTAG and SWD interfaces are:
a)
TC2050-ARM2010 adapter (20-pin- to 10-pin-interface board)
b)
TC2050-IDC or TC2050-IDC-NL (No Legs) (10-pin cable)
c)
TC2050-CLIP retaining clip for use with TC2050-IDC-NL (optional)
4.3
ST-LINK/V2 status LED
The LED labeled ‘COM’ on top of the ST-LINK/V2 shows the ST-LINK/V2 status (whatever
the connection type). In detail:
•
LED is blinking RED: the first USB enumeration with the PC is taking place
•
LED is RED: communication between the PC and ST-LINK/V2 is established (end of
enumeration)
•
LED is blinking GREEN / RED: data being exchanged between the target and the PC
•
LED is GREEN: the last communication has been successful
•
LED is ORANGE: ST-LINK/V2 communication with the target has failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19