データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8536AT データシート(PDF) 2 Page - NXP Semiconductors

部品番号 PCF8536AT
部品情報  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT データシート(HTML) 2 Page - NXP Semiconductors

  PCF8536AT Datasheet HTML 1Page - NXP Semiconductors PCF8536AT Datasheet HTML 2Page - NXP Semiconductors PCF8536AT Datasheet HTML 3Page - NXP Semiconductors PCF8536AT Datasheet HTML 4Page - NXP Semiconductors PCF8536AT Datasheet HTML 5Page - NXP Semiconductors PCF8536AT Datasheet HTML 6Page - NXP Semiconductors PCF8536AT Datasheet HTML 7Page - NXP Semiconductors PCF8536AT Datasheet HTML 8Page - NXP Semiconductors PCF8536AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
2 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
No external components needed
Compatible with Chip-On-Glass (COG) technology
3.
Ordering information
3.1 Ordering options
[1]
Bump hardness see Table 25.
4.
Marking
[1]
The rear side marking has the following meaning:
XXXXXX.XX — Production and lot information
WW — wafer number
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA85233UG
bare die
110 bumps
PCA85233
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCA85233UG/2DA/Q1
PCA85233UG/2DA/Q1Z 935302508033
chip with hard bumps in tray[1]
1
Table 3.
Marking codes
Type number
Marking code
PCA85233UG/2DA/Q1
on the rear side of the die
Line A: PCA85233UG
Line B: XXXXXX.XX WW[1]
Fig 1.
Rear side laser marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54