| データシートサーチシステム |
|
PCF8536AT データシート(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT データシート(HTML) 44 Page - NXP Semiconductors |
|
44 / 54 page ![]() PCA85233 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 5 — 12 November 2018 44 of 54 NXP Semiconductors PCA85233 Automotive 80 × 4 LCD driver for low multiplex rates 17. Handling information All input and output pins are protected against ElectroStatic Discharge (ESD) under normal handling. When handling Metal-Oxide Semiconductor (MOS) devices ensure that all normal precautions are taken as described in JESD625-A, IEC 61340-5 or equivalent standards. 18. Packing information 18.1 Packing information on the tray Schematic drawing, not drawn to scale. Top side view. For dimensions, see Table 27. Tray has pockets on both, top side and bottom side. The IC is stored with the active side up. To get the active side down, turn the tray. Fig 29. Tray details of PCA85233UG |