データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8536AT データシート(PDF) 14 Page - NXP Semiconductors

部品番号 PCF8536AT
部品情報  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT データシート(HTML) 14 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 10Page - NXP Semiconductors PCF8536AT Datasheet HTML 11Page - NXP Semiconductors PCF8536AT Datasheet HTML 12Page - NXP Semiconductors PCF8536AT Datasheet HTML 13Page - NXP Semiconductors PCF8536AT Datasheet HTML 14Page - NXP Semiconductors PCF8536AT Datasheet HTML 15Page - NXP Semiconductors PCF8536AT Datasheet HTML 16Page - NXP Semiconductors PCF8536AT Datasheet HTML 17Page - NXP Semiconductors PCF8536AT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
14 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
– bit AB to 0 or 1
– bits BF[1:0] to 00 (or to a desired blinking mode)
• writing meaningful information (for example, a logo) into the display RAM
• After the initialization, the display can be switched on by setting bit E = 1 with the
mode-set command or left off (blank) with bit E = 0.
7.5 Possible display configurations
The PCA85233 is a versatile peripheral device designed to interface between any
microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 6). It
can directly drive any static or multiplexed LCD containing up to four backplanes and up to
80 segments.
The display configurations possible with the PCA85233 depend on the required number of
active backplane outputs. A selection of display configurations is given in Table 15.
All of the display configurations given in Table 15 can be implemented in a typical system
as shown in Figure 7.
[1]
7 segment display has 8 segments/elements including the decimal point.
[2]
14 segment display has 16 segments/elements including decimal point and accent dot.
Fig 6.
Example of displays suitable for PCA85233
Table 15.
Selection of possible display configurations
Number of
Backplanes
Icons
Digits/Characters
Dot matrix:
segments/
elements
7-segment[1]
14-segment[2]
4
320
40
20
320 (4
 80)
3
240
30
15
240 (3
 80)
2
160
20
10
160 (2
 80)
180
10
5
80 (1
 80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54