| データシートサーチシステム |
|
STM32G031F6 データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G031F6 データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 117 page ![]() DS12992 Rev 2 97/117 STM32G031x4/x6/x8 Package information 112 Figure 36. Recommended footprint for UFQFPN48 package 1. Dimensions are expressed in millimeters. L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 1. Values in inches are converted from mm and rounded to 4 decimal digits. Table 72. UFQFPN48 package mechanical data (continued) Symbol millimeters inches(1) Min Typ Max Min Typ Max 7.30 7.30 0.20 0.30 0.55 0.50 5.80 6.20 6.20 5.60 5.60 5.80 0.75 A0B9_FP_V2 48 1 12 13 24 25 36 37 |