データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G031F6 データシート(PDF) 36 Page - STMicroelectronics

部品番号 STM32G031F6
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031F6 データシート(HTML) 36 Page - STMicroelectronics

Back Button STM32G031F6 Datasheet HTML 32Page - STMicroelectronics STM32G031F6 Datasheet HTML 33Page - STMicroelectronics STM32G031F6 Datasheet HTML 34Page - STMicroelectronics STM32G031F6 Datasheet HTML 35Page - STMicroelectronics STM32G031F6 Datasheet HTML 36Page - STMicroelectronics STM32G031F6 Datasheet HTML 37Page - STMicroelectronics STM32G031F6 Datasheet HTML 38Page - STMicroelectronics STM32G031F6 Datasheet HTML 39Page - STMicroelectronics STM32G031F6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
Pinouts, pin description and alternate functions
STM32G031x4/x6/x8
36/117
DS12992 Rev 2
Table 12. Pin assignment and description
Pin
Pin name
(function
upon reset)
Alternate
functions
Additional
functions
--
-
-
-
1
PC13
I/O
FT
(1)(2)
TIM1_BK
TAMP_IN1, RTC_TS,
RTC_OUT1, WKUP2
--
-
-
-
2
PC14-
OSC32_IN
(PC14)
I/O
FT
(1)(2)
TIM1_BK2
OSC32_IN
1B6 2
1
2
-
PC14-
OSC32_IN
(PC14)
I/O
FT
(1)(2)
TIM1_BK2
OSC32_IN, OSC_IN
-A7 3
2
3
3
PC15-
OSC32_OUT
(PC15)
I/O
FT
(1)(2)
OSC32_EN, OSC_EN
OSC32_OUT
--
-
-
-
4
VBAT
S
-
-
-
VBAT
--
-
-
-
5
VREF+
S
-
-
-
VREF_OUT
2 C7 4
3
4
6
VDD/VDDA
S
-
-
-
-
3D6 5
4
5
7
VSS/VSSA
S
-
-
-
-
--
-
-
-
8
PF0-OSC_IN
(PF0)
I/O
FT
-
TIM14_CH1
OSC_IN
--
-
-
-
9
PF1-
OSC_OUT
(PF1)
I/O
FT
-
OSC_EN
OSC_OUT
4 E7 6
5
6
10
PF2-NRST
I/O
-
-
MCO
NRST
4E7 7
6
7
11
PA0
I/O
FT_a
-
SPI2_SCK, USART2_CTS,
TIM2_CH1_ETR, LPTIM1_OUT
ADC_IN0,
TAMP_IN2,WKUP1
4 C5 8
7
8
12
PA1
I/O
FT_ea
-
SPI1_SCK/I2S1_CK,
USART2_RTS_DE_CK,
TIM2_CH2, I2C1_SMBA,
EVENTOUT
ADC_IN1
4 E5 9
8
9
13
PA2
I/O
FT_a
-
SPI1_MOSI/I2S1_SD,
USART2_TX, TIM2_CH3,
LPUART1_TX
ADC_IN2,
WKUP4,LSCO
-
D4 10
9
10 14
PA3
I/O
FT_ea
-
SPI2_MISO, USART2_RX,
TIM2_CH4, LPUART1_RX,
EVENTOUT
ADC_IN3
--
-
-
-
15
PA4
I/O
FT_a
-
SPI1_NSS/I2S1_WS,
SPI2_MOSI, TIM14_CH1,
LPTIM2_OUT, EVENTOUT
ADC_IN4, RTC_OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More