データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17P136ACT データシート(PDF) 79 Page - NEC

部品番号 UPD17P136ACT
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT データシート(HTML) 79 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 75Page - NEC UPD17P136ACT Datasheet HTML 76Page - NEC UPD17P136ACT Datasheet HTML 77Page - NEC UPD17P136ACT Datasheet HTML 78Page - NEC UPD17P136ACT Datasheet HTML 79Page - NEC UPD17P136ACT Datasheet HTML 80Page - NEC UPD17P136ACT Datasheet HTML 81Page - NEC UPD17P136ACT Datasheet HTML 82Page - NEC UPD17P136ACT Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 292 page
background image
CHAPTER 7 SYSTEM REGISTER (SYSREG)
60
7.7.2 Functions of the Program Status Word
The flags of the program status word are used for setting conditions for arithmetic operations and data transfer
instructions and for reflecting the status of operation results. Figure 7-18 shows an outline of the functions of the
program status word.
Figure 7-18. Outline of Functions of the Program Status Word
b3 b2 b1 b0
b3 b2 b1 b0
PSW
RPL
7FH
7EH
Address
Symbol
Bit
I
X
E
Flag
B
C
D
C
M
P
C
Y
Z
Used to specify that index modification be performed on the data
memory address used when a data memory manipulation instruction
is executed.
0: Index modification disabled.
1: Index modification enabled.
Flag
Function
IXE
Z
CY
CMP
BCD
Set when the result of an arithmetic operation is 0.
0: Indicates that the result of the arithmetic operation is a value other
than 0.
1: Indicates that the result of the arithmetic operation is 0.
Set when there is a carry in the result of an addition operation or
a borrow in the result of a subtraction operation.
0: Indicates there was no carry or borrow.
1: Indicates there was a carry or borrow.
Used to specify that the result of an arithmetic operation not be
stored in data memory or the general register but just be reflected
in the CY and Z flags.
0: Results of arithmetic operations are stored.
1: Results of arithmetic operations are not stored.
Used to specify how arithmetic operations are performed.
0: Arithmetic operations are performed in 4-bit binary.
1: Arithmetic operations are performed in BCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More