| データシートサーチシステム |
|
UPD17P136ACT データシート(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P136ACT データシート(HTML) 10 Page - NEC |
|
10 / 292 page ![]() - iii - CHAPTER 8 GENERAL REGISTER (GR) ........................................................................................... 67 8.1 GENERAL REGISTER CONFIGURATION ............................................................................................ 67 8.2 FUNCTIONS OF THE GENERAL REGISTER ....................................................................................... 67 CHAPTER 9 REGISTER FILE (RF) ...................................................................................................... 69 9.1 REGISTER FILE CONFIGURATION ...................................................................................................... 69 9.1.1 Configuration of the Register File ............................................................................................. 69 9.1.2 Relationship between the Register File and Data Memory ..................................................... 69 9.2 FUNCTIONS OF THE REGISTER FILE ................................................................................................. 70 9.2.1 Functions of the Register File ................................................................................................... 70 9.2.2 Functions of Control Register ................................................................................................... 70 9.2.3 Register File Manipulation Instructions .................................................................................... 71 9.3 CONTROL REGISTER ............................................................................................................................ 72 9.4 NOTES CONCERNING USE OF THE REGISTER FILE ....................................................................... 73 9.4.1 Notes Concerning Operation of the Control Register (Read-Only and Unused Registers) ... 73 9.4.2 Register File Symbol Definitions and Reserved Words ........................................................... 73 CHAPTER 10 DATA BUFFER (DBF) ................................................................................................... 77 10.1 DATA BUFFER CONFIGURATION ........................................................................................................ 77 10.2 FUNCTIONS OF THE DATA BUFFER ................................................................................................... 78 10.2.1 Data Buffer and Peripheral Hardware ...................................................................................... 79 10.2.2 Data Transfer with Peripheral Hardware .................................................................................. 80 10.2.3 Table Reference ......................................................................................................................... 81 CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU) ....................................................................... 83 11.1 ALU BLOCK CONFIGURATION ............................................................................................................ 83 11.2 FUNCTIONS OF THE ALU BLOCK ....................................................................................................... 83 11.2.1 Functions of the ALU ................................................................................................................. 83 11.2.2 Functions of Temporary Registers A and B .............................................................................. 88 11.2.3 Functions of the Status Flip-flop ............................................................................................... 88 11.2.4 Operations in 4-Bit Binary ......................................................................................................... 89 11.2.5 Operations in BCD ..................................................................................................................... 89 11.2.6 Operations in the ALU Block ..................................................................................................... 90 11.3 ARITHMETIC OPERATIONS (ADDITION AND SUBTRACTION IN 4-BIT BINARY AND BCD) ....... 91 11.3.1 Addition and Subtraction When CMP = 0 and BCD = 0 .......................................................... 91 11.3.2 Addition and Subtraction When CMP = 1 and BCD = 0 .......................................................... 91 11.3.3 Addition and Subtraction When CMP = 0 and BCD = 1 .......................................................... 92 11.3.4 Addition and Subtraction When CMP = 1 and BCD = 1 .......................................................... 92 11.3.5 Notes Concerning Use of Arithmetic Operations ..................................................................... 92 11.4 LOGICAL OPERATIONS ........................................................................................................................ 93 11.5 BIT JUDGEMENTS ................................................................................................................................. 94 11.5.1 TRUE (1) Bit Judgement ........................................................................................................... 94 11.5.2 FALSE (0) Bit Judgement ......................................................................................................... 95 |