データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17P136ACT データシート(PDF) 12 Page - NEC

部品番号 UPD17P136ACT
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT データシート(HTML) 12 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 8Page - NEC UPD17P136ACT Datasheet HTML 9Page - NEC UPD17P136ACT Datasheet HTML 10Page - NEC UPD17P136ACT Datasheet HTML 11Page - NEC UPD17P136ACT Datasheet HTML 12Page - NEC UPD17P136ACT Datasheet HTML 13Page - NEC UPD17P136ACT Datasheet HTML 14Page - NEC UPD17P136ACT Datasheet HTML 15Page - NEC UPD17P136ACT Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 292 page
background image
- v -
CHAPTER 14 INTERRUPT FUNCTIONS ............................................................................................ 149
14.1 INTERRUPT SOURCE TYPES AND VECTOR ADDRESSES ............................................................ 150
14.2 HARDWARE COMPONENTS OF THE INTERRUPT CONTROL CIRCUIT ....................................... 151
14.3 INTERRUPT SEQUENCE ..................................................................................................................... 158
14.3.1
Receiving an Interrupt ............................................................................................................. 158
14.3.2
Return from the Interrupt Routine ........................................................................................... 159
14.3.3
Interrupt Accepting Timing ...................................................................................................... 160
14.4 MULTI-INTERRUPT ............................................................................................................................... 163
14.5 PROGRAM EXAMPLE OF INTERRUPT ............................................................................................. 164
CHAPTER 15 AC ZERO CROSS DETECTION .................................................................................. 167
CHAPTER 16 STANDBY FUNCTION .................................................................................................. 169
16.1 OVERVIEW OF THE STANDBY FUNCTION ....................................................................................... 169
16.2 HALT MODE .......................................................................................................................................... 170
16.2.1
Setting HALT Mode ................................................................................................................. 170
16.2.2
Start Address after HALT Mode Is Released ......................................................................... 170
16.2.3
HALT Mode Setting Conditions ............................................................................................... 172
16.3 STOP MODE .......................................................................................................................................... 174
16.3.1
Setting of STOP Mode ............................................................................................................ 174
16.3.2
Start Address after STOP Mode Is Released ........................................................................ 174
16.3.3
STOP Mode Setting Conditions .............................................................................................. 176
CHAPTER 17 RESET ........................................................................................................................... 179
17.1 RESET FUNCTION ................................................................................................................................ 180
17.2 RESETTING ........................................................................................................................................... 181
17.3 POWER-ON/POWER-DOWN RESET FUNCTION .............................................................................. 182
17.3.1
Conditions Required to Enable the Power-On Reset Function ............................................. 182
17.3.2
Power-On Reset Function and Operation .............................................................................. 183
17.3.3
Condition Required for Use of the Power-Down Reset Function .......................................... 185
17.3.4
Power-Down Reset Function and Operation .......................................................................... 185
CHAPTER 18 ONE-TIME PROM WRITING/VERIFYING.................................................................... 189
18.1 DIFFERENCES BETWEEN MASK ROM VERSION AND ONE-TIME PROM MODEL..................... 189
18.2 OPERATION MODE WHEN PROGRAM MEMORY IS WRITTEN/VERIFIED ................................... 190
18.3 WRITING PROCEDURE OF PROGRAM MEMORY ........................................................................... 191
18.4 READING PROCEDURE OF PROGRAM MEMORY .......................................................................... 192
CHAPTER 19 INSTRUCTION SET ...................................................................................................... 193
19.1 OVERVIEW OF THE INSTRUCTION SET ........................................................................................... 193
19.2 LEGEND ................................................................................................................................................. 194
19.3 LIST OF THE INSTRUCTION SET ....................................................................................................... 195
19.4 ASSEMBLER (AS17K) EMBEDDED MACRO INSTRUCTIONS ........................................................ 197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More