データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WB35CCV6XXX データシート(PDF) 63 Page - STMicroelectronics

部品番号 STM32WB35CCV6XXX
部品情報  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCV6XXX データシート(HTML) 63 Page - STMicroelectronics

Back Button STM32WB35CCV6XXX Datasheet HTML 59Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 60Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 61Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 62Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 63Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 64Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 65Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 66Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 193 page
background image
DS11929 Rev 10
63/193
STM32WB55xx STM32WB35xx
Pinouts and pin description
80
11 17
F6
N1
PA2
I/O FT_la
-
LSCO(3), TIM2_CH3,
LPUART1_TX,
QUADSPI_BK1_NCS,
LCD_SEG1, COMP2_OUT,
CM4_EVENTOUT
COMP2_INM, ADC1_IN7,
WKUP4
12 18
J8
M2
PA3
I/O FT_la
-
TIM2_CH4, SAI1_PDM_CK1,
LPUART1_RX,
QUADSPI_CLK, LCD_SEG2,
SAI1_MCLK_A,
CM4_EVENTOUT
COMP2_INP, ADC1_IN8
13 19 K10
L3
PA4
I/O FT_a
-
SPI1_NSS, SAI1_FS_B,
LPTIM2_OUT, LCD_SEG5,
CM4_EVENTOUT
COMP1_INM,
COMP2_INM, ADC1_IN9
14 20 K9
N2
PA5
I/O FT_a
-
TIM2_CH1, TIM2_ETR,
SPI1_SCK, LPTIM2_ETR,
SAI1_SD_B,
CM4_EVENTOUT
COMP1_INM,
COMP2_INM, ADC1_IN10
15 21 H7
M3
PA6
I/O FT_la
-
TIM1_BKIN, SPI1_MISO,
LPUART1_CTS,
QUADSPI_BK1_IO3,
LCD_SEG3, TIM16_CH1,
CM4_EVENTOUT
ADC1_IN11
16 22 H6
N3
PA7
I/O FT_fla
-
TIM1_CH1N, I2C3_SCL,
SPI1_MOSI,
QUADSPI_BK1_IO2,
LCD_SEG4, COMP2_OUT,
TIM17_CH1,
CM4_EVENTOUT
ADC1_IN12
17 23
J7
M4
PA8
I/O FT_la
-
MCO, TIM1_CH1,
SAI1_PDM_CK2,
USART1_CK, LCD_COM0,
SAI1_SCK_A, LPTIM2_OUT,
CM4_EVENTOUT
ADC1_IN15
18 24 K8
L4
PA9
I/O FT_fla
-
TIM1_CH2, SAI1_PDM_DI2,
I2C1_SCL, SPI2_SCK,
USART1_TX, LCD_COM1,
SAI1_FS_A,
CM4_EVENTOUT
COMP1_INM, ADC1_IN16
-
25 G4
M5
PC4
I/O FT_la
-
LCD_SEG22,
CM4_EVENTOUT
COMP1_INM, ADC1_IN13
-
-
-
F3
VSS_DCAP1
S
-
-
-
-
--
-
G7
VDD
S
-
-
-
-
Table 16. STM32WB55xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More