データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WB35CCV6XXX データシート(PDF) 79 Page - STMicroelectronics

部品番号 STM32WB35CCV6XXX
部品情報  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCV6XXX データシート(HTML) 79 Page - STMicroelectronics

Back Button STM32WB35CCV6XXX Datasheet HTML 75Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 76Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 77Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 78Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 79Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 80Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 81Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 82Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 193 page
background image
B
PB0
--
-
-
-
-
EXT
_PA
_TX
--
COMP1_
OUT
--
CM4_
EVENTOUT
PB1
--
-
-
-
-
-
-
LPUART1
_RTS_DE
--
-
LPTIM2_
IN1
CM4_
EVENTOUT
PB2
RTC_
OUT
LPTIM1_
OUT
--
I2C3_
SMBA
SPI1_
NSS
--
-
-
-
SAI1_
EXTCLK
-
CM4_
EVENTOUT
PB3
JTDO-
TRACE
SWO
TIM2_
CH2
--
-
SPI1_
SCK
-
USART1_
RTS_DE
--
-
SAI1_
SCK_B
-
CM4_
EVENTOUT
PB4
NJTRST
-
-
-
I2C3_
SDA
SPI1_
MISO
-
USART1_
CTS
--
-
SAI1_
MCLK_B
TIM17_
BKIN
CM4_
EVENTOUT
PB5
-
LPTIM1_
IN1
--
I2C1_
SMBA
SPI1_
MOSI
-
USART1_
CK
LPUART1
_TX
-
COMP2_
OUT
SAI1_
SD_B
TIM16_
BKIN
CM4_
EVENTOUT
PB6
MCO
LPTIM1_
ETR
--
I2C1_
SCL
--
USART1_
TX
--
-
SAI1_
FS_B
TIM16_
CH1N
CM4_
EVENTOUT
PB7
-
LPTIM1_
IN2
-
TIM1_
BKIN
I2C1_
SDA
--
USART1_
RX
--
-
-
TIM17_
CH1N
CM4_
EVENTOUT
PB8
-
TIM1_
CH2N
-
SAI1_
PDM_CK1
I2C1_
SCL
--
-
-
QUADSPI_
BK1_IO1
-
SAI1_
MCLK_A
TIM16_
CH1
CM4_
EVENTOUT
PB9
-
TIM1_
CH3N
-
SAI1_
PDM_DI2
I2C1_
SDA
--
-
IR_OUT
QUADSPI_
BK1_IO0
-
SAI1_
FS_A
TIM17_
CH1
CM4_
EVENTOUT
C
PC14
--
-
-
-
-
-
-
-
-
-
-
-
CM4_
EVENTOUT
PC15
--
-
-
-
-
-
-
-
-
-
-
-
CM4_
EVENTOUT
E
PE4
--
-
-
-
-
-
-
-
-
-
-
-
CM4_
EVENTOUT
H
PH3
LSCO
-
-
-
-
-
-
-
-
-
-
-
-
CM4_
EVENTOUT
Table 19. Alternate functions (STM32WB35xx) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF10
AF12
AF13
AF14
AF15
SYS_AF
TIM1/
TIM2/
LPTIM1
TIM1/
TIM2
SAI1/
TIM1
I2C1/
I2C3
SPI1
RF
USART1 LPUART1
USB/
QUADSPI
COMP1/
COMP2/
TIM1
SAI1
TIM2/
TIM16/
TIM17/
LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More