データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WB35CCV6XXX データシート(PDF) 142 Page - STMicroelectronics

部品番号 STM32WB35CCV6XXX
部品情報  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCV6XXX データシート(HTML) 142 Page - STMicroelectronics

Back Button STM32WB35CCV6XXX Datasheet HTML 138Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 139Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 140Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 141Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 142Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 143Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 144Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 145Page - STMicroelectronics STM32WB35CCV6XXX Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
142/193
DS11929 Rev 10
Table 78. ADC sampling time(1)(2)
Resolution
(bits)
RAIN
(kΩ)
Fast channel
Slow channel
Minimum sampling
time (ns)
Sampling
cycles
Minimum sampling
time (ns)
Sampling
cycles
12
0
33
6.5
57
6.5
0.05
37
6.5
62
6.5
0.1
42
6.5
67
6.5
0.2
51
6.5
76
6.5
0.5
78
6.5
104
12.5
1
123
12.5
151
12.5
5
482
47.5
526
47.5
10
931
92.5
994
92.5
20
1830
247.5
1932
247.5
50
4527
640.5
4744
640.5
100
9021
640.5
9430
640.5
10
0
27
2.5
47
6.5
0.05
30
2.5
51
6.5
0.1
34
6.5
55
6.5
0.2
41
6.5
62
6.5
0.5
64
6.5
85
6.5
1
100
12.5
124
12.5
5
395
47.5
431
47.5
10
763
92.5
816
92.5
20
1500
247.5
1584
247.5
50
3709
640.5
3891
640.5
100
7391
640.5
7734
640.5
8
0
21
2.5
37
2.5
0.05
24
2.5
40
6.5
0.1
27
2.5
43
6.5
0.2
32
6.5
49
6.5
0.5
50
6.5
67
6.5
1
78
6.5
97
6.5
5
308
47.5
337
24.5
10
595
92.5
637
47.5
20
1169
247.5
1237
92.5
50
2891
247.5
3037
247.5
100
5762
640.5
6038
640.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More