データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC525ACHIPS データシート(PDF) 26 Page - Analog Devices

部品番号 HMC525ACHIPS
部品情報  4 GHz to 8.5 GHz, Wideband I/Q Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC525ACHIPS データシート(HTML) 26 Page - Analog Devices

Back Button HMC525ACHIPS Datasheet HTML 19Page - Analog Devices HMC525ACHIPS Datasheet HTML 20Page - Analog Devices HMC525ACHIPS Datasheet HTML 21Page - Analog Devices HMC525ACHIPS Datasheet HTML 22Page - Analog Devices HMC525ACHIPS Datasheet HTML 23Page - Analog Devices HMC525ACHIPS Datasheet HTML 24Page - Analog Devices HMC525ACHIPS Datasheet HTML 25Page - Analog Devices HMC525ACHIPS Datasheet HTML 26Page - Analog Devices HMC525ACHIPS Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
HMC525ACHIPS
Data Sheet
Rev. 0 | Page 26 of 27
APPLICATIONS INFORMATION
Figure 100 shows the typical application circuit for the
HMC525ACHIPS. To select the appropriate sideband, an
external 90° hybrid is needed. For applications not requiring
operation to dc, use an off-chip dc blocking capacitor. For
applications that require suppression of the LO signal at the
output, use a bias tee or RF feed as shown in Figure 100. Ensure
that the source or sink current used for LO suppression is <2 mA
for each IFx port to prevent damage to the device. The
common-mode voltage for each IFx port is 0 V.
To select the upper sideband when using as an upconverter,
connect the IF1 pad to the 90° port of the hybrid and connect
the IF2 pad to the 0° port of the hybrid. To select the lower
sideband, connect the IF1 pad to the 0° port of the hybrid and
connect the IF2 pad to the 90° port of the hybrid. The input is
from the sum port of the hybrid, and the difference port is 50 Ω
terminated.
To select the upper sideband (low-side LO) when using as
downconverter, connect the IF1 pad to the 0° port of the hybrid
and connect the IF2 pad to the 90° port of the hybrid. To select
the lower sideband (high-side LO), connect the IF1 pad to the
90° port of the hybrid and connect the IF2 pad to the 0° port of
the hybrid. The output is from the sum port of the hybrid, and
the difference port is 50 Ω terminated.
HMC525ACHIPS
GND
RF
GND
GND
LO
GND
NC
NC
NC
IF1
IF2
IF1
IF2
GND
90° HYBRID
DC BLOCKING
CAPACITORS
SUPPLY
FOR IF2
BIAS TEE/
DC FEED FOR IF2
SUPPLY
FOR IF1
BIAS TEE/
DC FEED FOR IF1
50Ω
IFx
EXTERNAL
90° HYBRID
Figure 100. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com