データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC525ACHIPS データシート(PDF) 5 Page - Analog Devices

部品番号 HMC525ACHIPS
部品情報  4 GHz to 8.5 GHz, Wideband I/Q Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC525ACHIPS データシート(HTML) 5 Page - Analog Devices

  HMC525ACHIPS Datasheet HTML 1Page - Analog Devices HMC525ACHIPS Datasheet HTML 2Page - Analog Devices HMC525ACHIPS Datasheet HTML 3Page - Analog Devices HMC525ACHIPS Datasheet HTML 4Page - Analog Devices HMC525ACHIPS Datasheet HTML 5Page - Analog Devices HMC525ACHIPS Datasheet HTML 6Page - Analog Devices HMC525ACHIPS Datasheet HTML 7Page - Analog Devices HMC525ACHIPS Datasheet HTML 8Page - Analog Devices HMC525ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
HMC525ACHIPS
Rev. 0 | Page 5 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
HMC525ACHIPS
(TOP VIEW)
Not to Scale
GND
RF
GND
3
2
1
GND
LO
GND
7
8
9
4
5
6
NC NC NC
12
11
10
IF1 IF2 GND
NOTES
1. NC = NO CONNECT.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 7, 9, 10
GND
Ground. The GND pads must be connected to RF and dc ground. See Figure 3 for the interface schematic.
2
RF
Radio Frequency Input and Output. The RF pad is dc-coupled and matched to 50 Ω when LO is on. See Figure 4
for the interface schematic.
4, 5, 6
NC
No Connect.
8
LO
Local Oscillator Input. The LO pad is dc-coupled and matched to 50 Ω when LO is on. See Figure 5 for the
interface schematic.
11, 12
IF2, IF1
First and Second Quadrature Intermediate Frequency Input and Output Pads. The IFx pads are dc-coupled. For
applications not requiring operation to dc, use an off-chip dc blocking capacitor. For operations to dc, the IFx
pads must not source or sink more than 3 mA of current. Otherwise, the device may not function and may fail.
See Figure 6 for the interface schematic.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
RF
Figure 4. RF Interface Schematic
LO
Figure 5. LO Interface Schematic
IF1, IF2
Figure 6. IF1, IF2 Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com