データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC525A データシート(PDF) 1 Page - Analog Devices

部品番号 HMC525A
部品情報  4 GHz to 8.5 GHz, Wideband I/Q Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC525A データシート(HTML) 1 Page - Analog Devices

  HMC525A Datasheet HTML 1Page - Analog Devices HMC525A Datasheet HTML 2Page - Analog Devices HMC525A Datasheet HTML 3Page - Analog Devices HMC525A Datasheet HTML 4Page - Analog Devices HMC525A Datasheet HTML 5Page - Analog Devices HMC525A Datasheet HTML 6Page - Analog Devices HMC525A Datasheet HTML 7Page - Analog Devices HMC525A Datasheet HTML 8Page - Analog Devices HMC525A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
4 GHz to 8.5 GHz,
Wideband I/Q Mixer
Data Sheet
HMC525ACHIPS
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive: no dc bias required
Conversion loss: 11 dB maximum (downconverter)
Input IP3: 17 dBm minimum (downconverter)
LO to RF Isolation: 43 dB minimum
IFx pad frequency range: dc to 3.5 GHz
12-pad, RoHS compliant, bare die (CHIP)
APPLICATIONS
Test and measurement instrumentation
Military, aerospace, and defense applications
Microwave point to point base stations
FUNCTIONAL BLOCK DIAGRAM
HMC525ACHIPS
GND
RF
GND
GND
LO
GND
NC
NC
NC
IF1
IF2
GND
90° HYBRID
Figure 1.
GENERAL DESCRIPTION
The HMC525ACHIPS is a compact gallium arsenide (GaAs),
monolithic microwave integrated circuit (MMIC), in phase and
quadrature (I/Q), RoHS compliant mixer. The device can be
used as either an image reject mixer or a single sideband
upconverter. The mixer uses two standard double balanced
mixer cells and a 90° hybrid fabricated in a GaAs, metal
semiconductor field effect transistor (MESFET) process. The
HMC525ACHIPS is a much smaller alternative to a hybrid
style image reject mixer and a single sideband upconverter
assembly. The HMC525ACHIPS eliminates the need for wire
bonding, allowing the use of surface-mount manufacturing
techniques.


同様の部品番号 - HMC525A

メーカー部品番号データシート部品情報
logo
Analog Devices
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC525ALC4TR AD-HMC525ALC4TR Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC525ALC4TR-R5 AD-HMC525ALC4TR-R5 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
More results

同様の説明 - HMC525A

メーカー部品番号データシート部品情報
logo
Hittite Microwave Corpo...
HMC525LC4 HITTITE-HMC525LC4 Datasheet
273Kb / 6P
GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com