データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC525A データシート(PDF) 24 Page - Analog Devices

部品番号 HMC525A
部品情報  4 GHz to 8.5 GHz, Wideband I/Q Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC525A データシート(HTML) 24 Page - Analog Devices

Back Button HMC525A Datasheet HTML 19Page - Analog Devices HMC525A Datasheet HTML 20Page - Analog Devices HMC525A Datasheet HTML 21Page - Analog Devices HMC525A Datasheet HTML 22Page - Analog Devices HMC525A Datasheet HTML 23Page - Analog Devices HMC525A Datasheet HTML 24Page - Analog Devices HMC525A Datasheet HTML 25Page - Analog Devices HMC525A Datasheet HTML 26Page - Analog Devices HMC525A Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
HMC525ACHIPS
Data Sheet
Rev. 0 | Page 24 of 27
SPURIOUS AND HARMONICS PERFORMANCE
LO Harmonics Isolation
LO power = 15 dBm, TA = 25°C, and all values are in dBc below
the input LO level measured at the RF port.
Table 5. N × LO Spur at RF Output
N × LO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
2.5
65
44
71
58
3.5
45
57
53
61
4.5
46
42
48
54
5.5
44
62
60
>95
6.5
45
76
65
>95
7.5
48
84
>95
>95
LO power = 15 dBm, TA = 25°C, and all values are in dBc below
the input LO level measured at the IFx port.
Table 6. N × LO Spur at IF Output
N × LO Spur at IFx Port
LO Frequency (GHz)
1
2
3
4
2.5
24
52
58
78
3.5
19
56
55
78
4.5
19
61
56
87
5.5
23
74
61
>95
6.5
26
74
53
>95
7.5
27
72
>95
>95
Downconverter M × N Spurious Outputs
Mixer spurious products are measured in dBc from the IF output
power level, unless otherwise specified. Spur values are (M × RF) −
(N × LO). N/A means not applicable.
IF = 100 MHz, RF = 5600 MHz, LO = 5500 MHz, RF power =
−10 dBm, LO power = +15 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
6
73
22
37
57
1
39
0
46
73
73
66
2
76
65
72
62
72
73
3
71
76
85
92
84
69
4
67
72
77
87
96
86
5
56
62
73
78
86
94
IF = 100 MHz, RF = 7400 MHz, LO = 7500 MHz, RF power =
−10 dBm, LO power = +15 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
−9
+70
+10
+26
+50
1
+37
0
+50
+68
+64
+50
2
+70
+63
+75
+64
+70
+63
3
+58
+71
+83
+91
+83
+71
4
+58
+60
+70
+86
+95
+83
5
+49
+58
+61
+70
+86
+94
Upconverter M × N Spurious Outputs
Mixer spurious products are measured in dBc from the RF output
power level, unless otherwise specified. Spur values are (M × IFIN)
+ (N × LO). N/A means not applicable.
IFIN = 100 MHz, RF = 5600 MHz, LO = 5500 MHz, RF power =
−10 dBm, LO power = 15 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IFIN
+5
57
62
50
0
0
0
+4
68
56
63
48
0
0
+3
72
66
58
64
49
0
+2
76
71
66
56
64
46
+1
39
75
72
67
53
63
0
N/A
6
73
22
37
57
−1
39
0
46
73
73
66
−2
76
65
72
62
72
73
−3
71
76
85
92
84
69
−4
67
72
77
87
96
86
−5
56
62
73
78
86
94
IF = 100 MHz, RF = 7400 MHz, LO = 7500 GHz, RF power =
−10 dBm, LO power = 15 dBm, and TA = 25°C.
N × LO
0
1
2
3
4
5
M × IFIN
+5
98
83
86
83
79
73
+4
100
86
85
82
77
74
+3
99
51
85
82
78
72
+2
97
50
85
82
76
80
+1
96
3
86
26
50
73
0
N/A
18
52
30
15
72
−1
98
0
85
31
50
74
−2
99
49
87
81
80
73
−3
98
51
87
82
79
73
−4
98
80
84
82
78
74
−5
98
84
85
81
78
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com