| データシートサーチシステム |
|
AS4LC2M8S1 データシート(PDF) 15 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4LC2M8S1 データシート(HTML) 15 Page - Alliance Semiconductor Corporation |
|
15 / 28 page ![]() AS4LC2M8S1 AS4LC1M16S1 7/5/00 ALLIANCE SEMICONDUCTOR 15 Mode register set command waveform MRS can be issued only when both banks are idle. Precharge waveforms Precharge can be asserted after tRAS (min). The selected bank will enter the idle state after tRP. The earliest assertion of the precharge command without losing any burst data is show below. (normal write; BL = 4) (normal read; BL = 4) Auto precharge waveforms A10 controls the selection of auto precharge during the read or write command cycle. (write with auto precharge; BL = 4) (read with auto precharge; BL = 4) *The row active command of the precharge bank can be issued after tRP from this point. The new read/write command of another activated bank can be issued from this point. At burst read/write with auto precharge, CAS interrupt of the same/another bank is illegal. CLK CMD PRE MRS ACT tRP tRSC(min) Or Auto Refresh tMRD CLK CMD DQ WE PRE D0 D1 D2 D3 CLK CMD DQ(CL1) DQ(CL2) DQ(CL3) Read data PRE Q0 Q1 Q2 Q3 Q0 Q1 Q2 Q3 Q0 Q1 Q2 Q3 CLK CMD DQ WE D0 D1 D2 D3 Auto precharge starts* Auto precharge starts* CLK CMD DQ(CL1) DQ(CL2) DQ(CL3) Read data Q0 Q1 Q2 Q3 Q0 Q1 Q2 Q3 Q0 Q1 Q2 Q3 |