データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 198 Page - NXP Semiconductors

部品番号 HCS08
部品情報  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 198 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 194Page - NXP Semiconductors HCS08 Datasheet HTML 195Page - NXP Semiconductors HCS08 Datasheet HTML 196Page - NXP Semiconductors HCS08 Datasheet HTML 197Page - NXP Semiconductors HCS08 Datasheet HTML 198Page - NXP Semiconductors HCS08 Datasheet HTML 199Page - NXP Semiconductors HCS08 Datasheet HTML 200Page - NXP Semiconductors HCS08 Datasheet HTML 201Page - NXP Semiconductors HCS08 Datasheet HTML 202Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
198
Freescale Semiconductor
The table below shows MCGOUT frequency calculations using RDIV, BDIV, and VDIV settings for each
clock mode. The bus frequency is equal to MCGOUT divided by 2.
1R is the reference divider selected by the RDIV bits, B is the bus frequency divider selected by the BDIV bits,
and M is the multiplier selected by the VDIV bits.
This section will include 3 mode switching examples using a 4 MHz external crystal. If using an external
clock source less than 1 MHz, the MCG should not be configured for any of the PLL modes (PEE and
PBE).
12.5.2.1
Example # 1: Moving from FEI to PEE Mode: External Crystal = 4 MHz,
Bus Frequency = 8 MHz
In this example, the MCG will move through the proper operational modes from FEI to PEE mode until
the 4 MHz crystal reference frequency is set to achieve a bus frequency of 8 MHz. Because the MCG is in
FEI mode out of reset, this example also shows how to initialize the MCG for PEE mode out of reset. First,
the code sequence will be described. Then a flowchart will be included which illustrates the sequence.
1. First, FEI must transition to FBE mode:
a) MCGC2 = 0x36 (%00110110)
– BDIV (bits 7 and 6) set to %00, or divide-by-1
– RANGE (bit 5) set to 1 because the frequency of 4 MHz is within the high frequency range
– HGO (bit 4) set to 1 to configure external oscillator for high gain operation
– EREFS (bit 2) set to 1, because a crystal is being used
– ERCLKEN (bit 1) set to 1 to ensure the external reference clock is active
b) Loop until OSCINIT (bit 1) in MCGSC is 1, indicating the crystal selected by the EREFS bit
has been initialized.
Table 12-6. MCGOUT Frequency Calculation Options
Clock Mode
fMCGOUT1
Note
FEI (FLL engaged internal)
(fint * 1024) / B
Typical fMCGOUT = 16 MHz
immediately after reset. RDIV
bits set to %000.
FEE (FLL engaged external)
(fext / R *1024) / B
fext / R must be in the range of
31.25 kHz to 39.0625 kHz
FBE (FLL bypassed external)
fext / B
fext / R must be in the range of
31.25 kHz to 39.0625 kHz
FBI (FLL bypassed internal)
fint / B
Typical fint = 32 kHz
PEE (PLL engaged external)
[(fext / R) * M] / B
fext / R must be in the range of 1
MHz to 2 MHz
PBE (PLL bypassed external)
fext / B
fext / R must be in the range of 1
MHz to 2 MHz
BLPI (Bypassed low power internal)
fint / B
BLPE (Bypassed low power external)
fext / B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com