データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 199 Page - NXP Semiconductors

部品番号 HCS08
部品情報  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 199 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 195Page - NXP Semiconductors HCS08 Datasheet HTML 196Page - NXP Semiconductors HCS08 Datasheet HTML 197Page - NXP Semiconductors HCS08 Datasheet HTML 198Page - NXP Semiconductors HCS08 Datasheet HTML 199Page - NXP Semiconductors HCS08 Datasheet HTML 200Page - NXP Semiconductors HCS08 Datasheet HTML 201Page - NXP Semiconductors HCS08 Datasheet HTML 202Page - NXP Semiconductors HCS08 Datasheet HTML 203Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 374 page
background image
Multi-Purpose Clock Generator (S08MCGV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
199
c) MCGC1 = 0xB8 (%10111000)
– CLKS (bits 7 and 6) set to %10 in order to select external reference clock as system clock
source
– RDIV (bits 5-3) set to %111, or divide-by-128 because 4 MHz / 128 = 31.25 kHz which is
in the 31.25 kHz to 39.0625 kHz range required by the FLL
– IREFS (bit 2) cleared to 0, selecting the external reference clock
d) Loop until IREFST (bit 4) in MCGSC is 0, indicating the external reference is the current
source for the reference clock
e) Loop until CLKST (bits 3 and 2) in MCGSC are %10, indicating that the external reference
clock is selected to feed MCGOUT
2. Then, FBE must transition either directly to PBE mode or first through BLPE mode and then to
PBE mode:
a) BLPE: If a transition through BLPE mode is desired, first set LP (bit 3) in MCGC2 to 1.
b) BLPE/PBE: MCGC1 = 0x90 (%10010000)
– RDIV (bits 5-3) set to %010, or divide-by-4 because 4 MHz / 4 = 1 MHz which is in the 1
MHz to 2 MHz range required by the PLL. In BLPE mode, the configuration of the RDIV
does not matter because both the FLL and PLL are disabled. Changing them only sets up the
the dividers for PLL usage in PBE mode
c) BLPE/PBE: MCGC3 = 0x44 (%01000100)
– PLLS (bit 6) set to 1, selects the PLL. In BLPE mode, changing this bit only prepares the
MCG for PLL usage in PBE mode
– VDIV (bits 3-0) set to %0100, or multiply-by-16 because 1 MHz reference * 16 = 16 MHz.
In BLPE mode, the configuration of the VDIV bits does not matter because the PLL is
disabled. Changing them only sets up the multiply value for PLL usage in PBE mode
d) BLPE: If transitioning through BLPE mode, clear LP (bit 3) in MCGC2 to 0 here to switch to
PBE mode
e) PBE: Loop until PLLST (bit 5) in MCGSC is set, indicating that the current source for the
PLLS clock is the PLL
f) PBE: Then loop until LOCK (bit 6) in MCGSC is set, indicating that the PLL has acquired lock
3. Last, PBE mode transitions into PEE mode:
a) MCGC1 = 0x10 (%00010000)
– CLKS (bits7 and 6) in MCGSC1 set to %00 in order to select the output of the PLL as the
system clock source
– Loop until CLKST (bits 3 and 2) in MCGSC are %11, indicating that the PLL output is
selected to feed MCGOUT in the current clock mode
b) Now, With an RDIV of divide-by-4, a BDIV of divide-by-1, and a VDIV of multiply-by-16,
MCGOUT = [(4 MHz / 4) * 16] / 1 = 16 MHz, and the bus frequency is MCGOUT / 2, or 8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com