データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P128-VME6TP データシート(PDF) 6 Page - STMicroelectronics

部品番号 M25P128-VME6TP
部品情報  128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P128-VME6TP データシート(HTML) 6 Page - STMicroelectronics

Back Button M25P128-VME6TP Datasheet HTML 2Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 3Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 4Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 5Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 6Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 7Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 8Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 9Page - STMicroelectronics M25P128-VME6TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Summary description
M25P128
6/41
Rev. 1
1
Summary description
The M25P128 is a multilevel 128Mbit (16Mbit x 8) Serial Flash Memory, with advanced write
protection mechanisms, accessed by a high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program
instruction.
The memory is organized as 64 sectors, each containing 1024 pages. Each page is 256
bytes wide. Thus, the whole memory can be viewed as consisting of 65536 pages, or
16777216 bytes.
The whole memory can be erased using the Bulk Erase instruction, or a sector at a time,
using the Sector Erase instruction.
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant. ECOPACK is an ST
trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic Diagram
Table 1.
Signal Names
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
AI11313
S
VCC
M25P128
HOLD
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41